Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5101-35BI-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5101-35BI-TRL
Description  150mA, 4mA Quiescent Current Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35BI-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5101-35BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration APL5101-35BI-TRL Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
11
Package Information
SOT-23
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
b
c
e1
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.


Similar Part No. - APL5101-35BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-35BI ANPEC-APL5101-35BI Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101-35BI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com