Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL515533DI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL515533DI-TRG
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL515533DI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL515533DI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL515533DI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
10
Typical Application Circuit
1. Adjust Output Voltage (SOT-23-5/SOP-8P)
V
IN
V
OUT
APL5155
B
APL5155
KA
VIN
EN
GND
VOUT
ADJ
C
IN
1
µF
C
OUT
2.2
µF
ON
OFF
R1
R2
2. Fixed Output Voltage (SOT-23-5/SOP-8P)
V
IN
V
OUT
VIN
EN
GND
VOUT
C
IN
1
µF
C
OUT
2.2
µF
ON
OFF
V
OUT=1.24V x (R1+R2)/R2
3. Fixed Output Voltage (SOT-89)
V
IN
V
OUT
APL5155
B
APL5155
KA
VIN
GND
VOUT
C
IN
1
µF
C
OUT
2.2
µF


Similar Part No. - APL515533DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL515533DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
   HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5156 ANPEC-APL5156 Datasheet
309Kb / 18P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
   HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com