Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5308 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5308
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5308_08 Datasheet HTML 1Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 2Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 3Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 4Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 5Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 6Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 7Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 8Page - Anpec Electronics Coropration APL5308_08 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
2
Ordering and Marking Information
Product Name
Marking
Product Name
Marking
APL5308-15A/B
389X
APL5309-15A/B
399X
APL5308-16A/B
38AX
APL5309-16A/B
39AX
APL5308-17A/B
38BX
APL5309-17A/B
39BX
APL5308-18A/B
38CX
APL5309-18A/B
39CX
APL5308-19A/B
38DX
APL5309-19A/B
39DX
APL5308-20A/B
38EX
APL5309-20A/B
39EX
APL5308-21A/B
38FX
APL5309-21A/B
39FX
APL5308-22A/B
38GX
APL5309-22A/B
39GX
APL5308-23A/B
38HX
APL5309-23A/B
39HX
APL5308-24A/B
38IX
APL5309-24A/B
39IX
APL5308-25A/B
38JX
APL5309-25A/B
39JX
APL5308-26A/B
38KX
APL5309-26A/B
39KX
APL5308-27A/B
38LX
APL5309-27A/B
39LX
APL5308-28A/B
38MX
APL5309-28A/B
39MX
APL5308-29A/B
38NX
APL5309-29A/B
39NX
APL5308-30A/B
38OX
APL5309-30A/B
39OX
APL5308-31A/B
38PX
APL5309-31A/B
39PX
APL5308-32A/B
38QX
APL5309-32A/B
39QX
APL5308-33A/B
38RX
APL5309-33A/B
39RX
APL5308-34A/B
38SX
APL5309-34A/B
39SX
APL5308-35A/B
38TX
APL5309-35A/B
39TX
APL5308-43A/B
38UX
APL5309-43A/B
39UX
APL5308-45A/B
38VX
APL5309-45A/B
39VX
Marking Information
SOT-23-3 and SOT-23-5 packages
The last character “X” in the marking is for data code.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
A : SOT-23-3
B : SOT-23-5
D : SOT-89
Operating Ambient Temperature Range
I : -40 to 85 oC
C : 0 to 70 oC
Handling Code
TR : Tape & Reel
Voltage Code :
15 : 1.5V ~ 45 : 4.5V
Assembly Material
G : Halogen and Lead Free Device
APL5308/9
Handling Code
Temperature Range
Package Code
Voltage Code
APL5308/9
XXXXX 15
XXXXX - Date Code
;
15 - 1.5V
APL5308/9 15 D :
Assembly Material


Similar Part No. - APL5308_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15B ANPEC-APL5308-15B Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15BC ANPEC-APL5308-15BC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15DC ANPEC-APL5308-15DC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com