Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327BI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5327BI-TRG
Description  Adjustable Low Dropout 300mA Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327BI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5327BI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
4
Typical Operating Characteristics
Output Current, I
OUT(mA)
V
OUT=3.3V
T
J=125
oC
T
J=75
oC
T
J=25
oC
T
J=-50
oC
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0
100
200
300
Junction Temperature, T
J (
oC)
V
IN=5V
V
IN=3.3V
Current Limit vs. Junction Temperature
400
450
500
550
600
-50
-25
0
25
50
75
100
125
V
OUT=2.5V
T
J=125
oC
T
J=75
oC
T
J=-50
oC
T
J=25
oC
Output Current, I
OUT(mA)
Dropout Voltage vs. Output Current
0
100
200
300
400
500
600
700
0
100
200
300
PSRR vs. Frequency
Frequency (Hz)
V
IN=3.3V, VOUT=1.2V, IOUT=10mA
20
200k
100
1k
10k
100k
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10


Similar Part No. - APL5327BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12A ANPEC-APL5320-12A Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12B ANPEC-APL5320-12B Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12BT ANPEC-APL5320-12BT Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5327BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com