Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2250A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TMC2250A Datasheet HTML 1Page - Fairchild Semiconductor TMC2250A Datasheet HTML 2Page - Fairchild Semiconductor TMC2250A Datasheet HTML 3Page - Fairchild Semiconductor TMC2250A Datasheet HTML 4Page - Fairchild Semiconductor TMC2250A Datasheet HTML 5Page - Fairchild Semiconductor TMC2250A Datasheet HTML 6Page - Fairchild Semiconductor TMC2250A Datasheet HTML 7Page - Fairchild Semiconductor TMC2250A Datasheet HTML 8Page - Fairchild Semiconductor TMC2250A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PRODUCT SPECIFICATION
TMC2250A
4
REV. 1.0.2 10/25/00
Pin Assignments
120 Pin Plastic Quad Flat Pack (MQFP), KE Package
XC6
XC5
XC4
XC3
XC2
XC1
XC0
GND
YC11
YC10
YC9
VDD
YC8
Y7
Y6
GND
Y5
Y4
YC0
VDD
YC1
YC2
YC3
GND
ZC0
ZC1
ZC2
ZC3
ZC4
ZC5
1
30
120
91
31
60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
90
61
ZC6
ZC7
ZC8
GND
ZC9
ZC10
ZC11
KC0
KC1
KC2
KC3
GND
KC4
KC5
KC6
VDD
KC7
KC8
KC9
KB0
KB1
KB2
KB3
KB4
KB5
KB6
KB7
KB8
KB9
KA0
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
Pin
Name
Pin
Name
KA1
KA2
KA3
KA4
KA5
KA6
KA7
KA8
KA9
CWE1
CWE0
GND
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
B0
B1
B2
CLK
B3
B4
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
B5
B6
B7
B8
B9
B10
B11
C0
C1
C2
C3
VDD
C4
C5
C6
GND
C7
C8
C9
C10
C11
MODE1
MODE0
GND
XC11
XC10
XC9
VDD
XC8
XC7
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
Pin
Name
Pin
Name


Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C CADEKA-TMC2250AG1C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 CADEKA-TMC2250AG1C2 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 CADEKA-TMC2250AG1C3 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com