Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5324 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5324
Description  Adjustable Low Dropout 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5324 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5324 Datasheet HTML 5Page - Anpec Electronics Coropration APL5324 Datasheet HTML 6Page - Anpec Electronics Coropration APL5324 Datasheet HTML 7Page - Anpec Electronics Coropration APL5324 Datasheet HTML 8Page - Anpec Electronics Coropration APL5324 Datasheet HTML 9Page - Anpec Electronics Coropration APL5324 Datasheet HTML 10Page - Anpec Electronics Coropration APL5324 Datasheet HTML 11Page - Anpec Electronics Coropration APL5324 Datasheet HTML 12Page - Anpec Electronics Coropration APL5324 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2013
APL5324
www.anpec.com.tw
9
Function Description


 +
=
R2
R1
1
0.8
VOUT
Where R1 is connected from VOUT to SET with Kelvin
sensing and R2 is connected from SET to GND. The rec-
ommended value of R2 is in the range of 100 to100k
Ω.
An error amplifier works with a temperature compensated
0.8V reference and an output PMOS regulates the output
to the presetting voltage. The error amplifier is designed
with high bandwidth and DC gain provides very fast tran-
sient response and less load regulation. It compares the
reference with the feedback voltage and amplifies the dif-
ference to drive the output PMOS which provides load
current from VIN to VOUT.
Output Voltage Regulation
The APL5324 is an adjustable low dropout linear
regulator. The output voltage set by the resistor-divider is
determined by:
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of APL5324. When the junction temperature exceeds
+160οC, a thermal sensor turns off the output PMOS, al-
lowing the device to cool down. The regulator regulates
the output again through initiation of a new soft-start cycle
after the junction temperature is cooled down by 40oC.
The thermal shutdown is designed with a 40oC hyster-
esis to lower the average junction temperature during
continuous thermal overload conditions, extending life-
time of the device.
For normal operation, device power dissipation should
be externally limited so that junction temperature will not
exceed 125oC.
Shutdown Control
The APL5324 has an active-low shutdown function. Force
SHDN high (>1.6V) enables the V
OUT; force SHDN low
(<0.4V) disables the V
OUT. SHDN is internally pulled low
by a resistor (3m
Ω typical). If it is not used, connect to VIN
for normal operation.


Similar Part No. - APL5324

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12A ANPEC-APL5320-12A Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12B ANPEC-APL5320-12B Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12BT ANPEC-APL5320-12BT Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5324

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com