Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL158125KAC-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL158125KAC-TRG
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125KAC-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL158125KAC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.8 - Jan., 2012
APL1581
www.anpec.com.tw
11
Figure 3. Recommended SOP-8P Layout
Layout and Thermal Consideration (Cont.)
Application Information (Cont.)
1
2
3
4
8
7
6
5
Top layer
VOUT plane
for Heat Dissipation
(Larger area is better)
COUT
CIN
Soldering area
(140mil x 110mil)
for bottom pad
Vias
Vias
CCNTL
Load


Similar Part No. - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125KAC-TRG ANPEC-APL158125KAC-TRG Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
More results

Similar Description - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com