Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL530815DC-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL530815DC-TRG
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL530815DC-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL530815DC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL530815DC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
9
Package Information
SOT-23-3
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
b
c
e1
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23-3
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.


Similar Part No. - APL530815DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15B ANPEC-APL5308-15B Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15BC ANPEC-APL5308-15BC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL530815DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com