Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5331U5C-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5331U5C-TRG
Description  3A Bus Termination Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331U5C-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5331U5C-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5331U5C-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
-14
-10
-6
-2
2
6
10
14
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
22
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical Operating Characteristics (Cont.)
VOUT Offset Voltage
vs. Junction Temperature
Junction Temperature (°C)
V
REF=1.25V/0.9V
Quiescent VCNTL Current
vs. Junction Temperature
Junction Temperature (
°C)
VREF Bias Current
vs. VREF Supply Voltage
VREF Supply Votage, VREF (V)
I
OUT=-10mA
I
OUT=+10mA
I
OUT=0A
V
CNTL=5V
V
CNTL=3.3V
T
J=25°C


Similar Part No. - APL5331U5C-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5331U5C-TRL ANPEC-APL5331U5C-TRL Datasheet
230Kb / 20P
   3A Bus Termination Regulator
More results

Similar Description - APL5331U5C-TRG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
   3A Bus Termination Regulator
logo
List of Unclassifed Man...
HPL5331 ETC1-HPL5331 Datasheet
260Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com