Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL111718VC-TUG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL111718VC-TUG
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111718VC-TUG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL111718VC-TUG Datasheet HTML 1Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 2Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 3Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 4Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 5Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 6Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 7Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 8Page - Anpec Electronics Coropration APL111718VC-TUG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
Front View for TO-263-3
Front View for TO-220
Front View for SOT-223
Front View for TO-252-3
1
2
3
VIN
VOUT
ADJ/GND
TAB IS VOUT
1
2
3
VIN
VOUT
ADJ/GND
TAB IS VOUT
VOUT
1
2
3
ADJ/GND
VIN
1
2
3
VIN
VOUT
ADJ/GND
TAB IS VOUT
Package Code
F : TO-220 G : TO-263-3 U : TO-252-3 V : SOT-223
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TU : Tube
TR : Tape & Reel
Voltage Code
12 : 1.2V
18 : 1.8V
25 : 2.5V
28 : 2.85V
33 : 3.3V
50 : 5V
Blank : Adjustable Version
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
APL1117
Handling Code
Temperature Range
Package Code
Voltage Code
APL1117 F/G/U:
APL1117
XXXXX
APL1117
XXXXX
XXXXX - Date Code ; VV-Voltage Code
Assembly Material
APL1117 V:
APL1117
XXXXXVV
VV
APL1117
XXXXX
XXXXX - Date Code ; VV-Voltage Code


Similar Part No. - APL111718VC-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111718VC-TUG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com