Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5101-12A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5101-12A
Description  150mA, 4mA Quiescent Current Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-12A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5101-12A Datasheet HTML 1Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 2Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 3Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 4Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-12A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
2
Ordering and Marking Information
Product Name
Marking
Product Name
Marking
APL5101-12A/B
105X
APL5102-12A/B
AB5X
APL5101-13A/B
107X
APL5102-13A/B
AB7X
APL5101-14A/B
108X
APL5102-14A/B
AB8X
APL5101-15A/B
109X
APL5102-15A/B
AB9X
APL5101-16A/B
10AX
APL5102-16A/B
ABAX
APL5101-17A/B
10BX
APL5102-17A/B
ABBX
APL5101-18A/B
10CX
APL5102-18A/B
ABCX
APL5101-19A/B
10DX
APL5102-19A/B
ABDX
APL5101-20A/B
10EX
APL5102-20A/B
ABEX
APL5101-21A/B
10FX
APL5102-21A/B
ABFX
APL5101-22A/B
10GX
APL5102-22A/B
ABGX
APL5101-23A/B
10HX
APL5102-23A/B
ABHX
APL5101-24A/B
10IX
APL5102-24A/B
ABIX
APL5101-25A/B
10JX
APL5102-25A/B
ABJX
APL5101-26A/B
10KX
APL5102-26A/B
ABKX
APL5101-27A/B
10LX
APL5102-27A/B
ABLX
APL5101-28A/B
10MX
APL5102-28A/B
ABMX
APL5101-29A/B
10NX
APL5102-29A/B
ABNX
APL5101-30A/B
10OX
APL5102-30A/B
ABOX
APL5101-31A/B
10PX
APL5102-31A/B
ABPX
APL5101-32A/B
10QX
APL5102-32A/B
ABQX
APL5101-33A/B
10RX
APL5102-33A/B
ABRX
APL5101-34A/B
10SX
APL5102-34A/B
ABSX
APL5101-35A/B
10TX
APL5102-35A/B
ABTX
SOT-23 and SOT-23-5 packages
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
A : SOT-23
B : SOT-23-5
D : SOT-89
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Voltage Code :
12 : 1.2V ~ 35 : 3.5V
Assembly Material
L : Lead Free Device
G: Halogen and Lead Free Device
APL5101/2 -
Handling Code
Temperature Range
Package Code
Voltage Code
105X
X - Date Code : 5 - 1.2V
APL5101 -12 A/B:
Assembly Material
APL5101
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5101 -12 D :
AB5X
X - Date Code : 5 - 1.2V
APL5102 -12 A/B:
APL5102
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5102 -12 D :


Similar Part No. - APL5101-12A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-12AI ANPEC-APL5101-12AI Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101-12A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com