Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2246AH5C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # TMC2246AH5C
Description  Image Filter 11 x 10 bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2246AH5C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button TMC2246AH5C Datasheet HTML 4Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 5Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 6Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 7Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 8Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 9Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 10Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 11Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRODUCT SPECIFICATION
TMC2246A
8
REV. 1.0.3 9/11/00
Figure 4. Threshold Levels for Three-State Measurement
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Operating Conditions
Parameter
Min
Max
Unit
Supply Voltage
-0.5
7.0
V
Input Voltage
-0.5
VDD + 0.5
V
Output, Applied Voltage2
-0.5
VDD + 0.5
V
Output, Externally Forced Current3,4
-3.0
6.0
mA
Output, Short Circuit Duration (single output in HIGH state to ground)
1
sec
Operating, Ambient Temperature
-20
110
°C
Junction Temperature
140
°C
Storage Temperature
-65
150
°C
Lead Soldering (10 seconds)
300
°C
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fCLK
Clock frequency
TMC2246A
30
MHz
TMC2246A-1
40
MHz
TMC2246A-2
60
MHz
tPWH
CLK pulse width, HIGH
8
ns
tPWL
CLK pulse width, LOW
6
ns
tS
Input Data Set-up Time
6
ns
tH
Input Data Hold Time
1.5
ns
VIH
Input Voltage, Logic HIGH
2.0
V
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C
2.0V
0.8V
tDIS
tENA
Three-State
Outputs
OEN
High Impedance
0.5V
0.5V


Similar Part No. - TMC2246AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246AH5C CADEKA-TMC2246AH5C Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AH5C1 CADEKA-TMC2246AH5C1 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AH5C2 CADEKA-TMC2246AH5C2 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
More results

Similar Description - TMC2246AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
   11 MHz Lowpass Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
   SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com