Electronic Components Datasheet Search |
|
1SV329TH3FT Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
1SV329TH3FT Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 1SV329 2007-11-01 1 TOSHIBA Diode Silicon Epitaxial Planar Type 1SV329 VCO for UHF Band Radio • High capacitance ratio: C1 V/C4 V = 2.8 (typ.) • Low series resistance: rs = 0.55 Ω (typ.) • Useful for small size tuner. Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Reverse voltage VR 10 V Junction temperature Tj 125 °C Storage temperature range Tstg −55~125 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Reverse voltage VR IR = 1 μA 10 ⎯ ⎯ V Reverse current IR VR = 10 V ⎯ ⎯ 3 nA Capacitance C1 V VR = 1 V, f = 1 MHz 5.7 ⎯ 6.7 pF Capacitance C4 V VR = 4 V, f = 1 MHz 1.85 ⎯ 2.45 pF Capacitance ratio C1 V/C4 V ⎯ 2.7 2.8 ⎯ ⎯ Series resistance rs VR = 1 V, f = 470 MHz ⎯ 0.55 0.7 Ω Note: Signal level when capacitance is measured: Vsig = 100 mVrms Marking Unit: mm JEDEC ― JEITA ― TOSHIBA 1-1G1A Weight: 0.0014 g (typ.) |
Similar Part No. - 1SV329TH3FT |
|
Similar Description - 1SV329TH3FT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |