Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2250AH5C Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # TMC2250AH5C
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250AH5C Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TMC2250AH5C Datasheet HTML 7Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 8Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 9Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 10Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 11Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 12Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 13Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 14Page - Fairchild Semiconductor TMC2250AH5C Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
11
Figure 4. 9-Tap FIR Filter Configuration (Mode 01)
16
Z = CASOUT
(0 - 15)
16 (MSB)
4 - 13
KA1
A
12
KA
10
B
12
KB
10
C
KC
CASIN
(0 - 15)
10
16
16 (MSB)
‘10000’
HALF LSB
ROUNDING
12
21
10
10
1
KA2
12
21
10
10
3
4
KA3
12
21
10
10
3
4
KB1
12
21
10
10
1
2
3
4
6
7
KB2
12
21
10
10
6
7
KB3
12
21
10
10
6
7
KC1
12
21
21
21
21
21
21
10
10
9
10
KC2
12
21
10
10
9
10
KC3
12
21
10
10
9
10
3
4
5
2, 5,
8, 11
3, 5, 6
8, 9, 11,
12
88
8
5
5
6
55
22
2
7


Similar Part No. - TMC2250AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C2 CADEKA-TMC2250AH5C2 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C3 CADEKA-TMC2250AH5C3 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com