Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL111733VC-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL111733VC-TRG
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111733VC-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL111733VC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL111733VC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
9
Application Information
V
IN
APL1117
OUT
IN
ADJ
VREF
R1
R2
V
OUT
IADJ
60
µA
VOUT = VREF(1+
)+IADJR2
R2
R1
Figure 1. Basic Adjustable Regulator
Output Voltage
The APL1117 develops a 1.25V reference voltage between
the output and the adjust terminal. By placing a resistor
between these two terminals, a constant Current is caused
to flow through R1 and down through R2 to set the overall
output voltage. Normally, this current is chosen to be the
specified minimum load current of 10mA. For fixed volt-
age devices R1 and R2 are included in the device.
Load Regulation
When the adjustable regulator is used, load regulation
will be limited by the resistance of the wire connecting the
regulator to the load. The data sheet specification for load
regulation is measured at the output pin of the device.
Best load regulation is obtained when the top of the re-
sistor divider (R1) is tied directly to the output pin of the
device not to the load. For fixed voltage, devices the top of
R1 is internally connected to the output, and the ground
pin can be connected to low side of the load. If R1 is
connected to the load, R
P is multiplied by the divider ratio,
the effective resistance between the regulator and the
load would be:
Figure 2. Connections for Best Load Regulation
Input Capacitor
An input capacitor of 10
µF or greater is recommended.
Tantalum or aluminum electrolytic capacitors can be used
for bypassing. Larger Values will improve ripple rejection
by bypassing the input to the regulator.
Output Capacitor
The APL1117 requires an output capacitor to maintain sta-
bility and improve transient response. Proper capacitor
selection is important to ensure proper operation. The
APL1117 output capacitor selection is dependent upon
the ESR (equivalent series resistance) of the output ca-
pacitor to maintain stability. When the output capacitor is
10
µF or greater, the output capacitor should have an ESR
less than 1
Ω. This will improve transient response as
well as promote stability. A low-ESR solid tantalum ca-
pacitor works extremely well and provides good transient
response and stability over temperature.
Aluminum electrolytics can also be used, as long as the
ESR of the capacitor is <1
Ω. The value of the output ca-
pacitor can be increased without limit. Higher capacitance
values help to improve transient response and ripple re-
jection and reduce output noise.
Rp X (1+
), Rp = Parasitic Line Resistance
R2
R1
V
IN
APL1117
OUT
IN
ADJ
R1
R2
Rp
PARASITIC
LINE RESISTANCE
CONNECT
R1 TO CASE
CONNECT
R2 TO LOAD
RL


Similar Part No. - APL111733VC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111733VC-TRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com