Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL55379MCTI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL55379MCTI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL55379MCTI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL55379MCTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Channel 300mA Low Dropout Linear Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APL5537
Dual Regulator Outputs
Low Dropout Voltage: Typical 240mV at 300mA
Wide Input Voltage Range: 2.5V to 5.5V
Low Quiescent Current: Typical 58
µA
High PSRR: 70dB at 1kHz
Low Shutdown Current: <1
µA
Shutdown Function
Output Current-Limit Protection
Short-Circuit Current-Limit Protection
Over-Temperature Protection
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
The APL5537 is a dual channel low dropout linear
regulator, which operates from 2.5V to 5.5V input voltage
and delivers up to 300mA output current at each channel.
Typical dropout voltage is only 240mV at 300mA.
The APL5537 with low quiescent current, high PSRR, and
low noise is ideal for battery powered system appliances.
Other features include logic-controlled shutdown mode,
over-temperature protection, short-circuit current-limit, and
current-limit protection to ensure specified output current.
The APL5537 is available in the TSOT-23-6A and TDFN
1.6x1.6-6 packages.
Applications
Mobile Phone
GPS Navigation
Blue Tooth Headset
Pin Configurations
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
TDFN1.6x1.6-6
(Top View)
TSOT-23-6A
(Top View)
VOUT1
VOUT2
GND
EN1
EN2
VIN
EP
1
2
3
4
5
6
6 VOUT1
GND 2
5 VIN
EN2 3
VOUT2 1
4 EN1
APL5537
Handling Code
Temperature Range
Package Code
Assembly Material
APL5537-VVCT:
7VVX
X - Date Code
Voltage Code
VV - Voltage Code
APL5537-VVQB:
7VV
X - Date Code
VV - Voltage Code
X
Voltage Code
See Voltage Code Table
Package Code
CT : TSOT-23-6A
QB : TDFN1.6x1.6-6
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device


Similar Part No. - APL55379MCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5537WCTI-TRG ANPEC-APL5537WCTI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537WQBI-TRG ANPEC-APL5537WQBI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_15 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
More results

Similar Description - APL55379MCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com