Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5606KI-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5606KI-TRL
Description  Low Dropout 600mA Linear Regulator for DC Fan Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5606KI-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5606KI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
www.anpec.com.tw
10
APL5606/A
Function Description
Under-Voltage Lock-Out (UVLO)
The APL5606/A has a built-in under-voltage lock-out cir-
cuit to keep the output off until the internal circuitry is
operating properly. The UVLO function initiates a soft-
start process after input voltage exceeds its rising UVLO
threshold during power on. Typical UVLO threshold is
2.5V with 0.15V hysteresis.
Soft-Start
The APL5606/A provides an internal soft-start circuitry to
control rise rate of the output voltage and limit the cur-
rent surge during start-up. Approximate 20
µs delay time
after the V
IN is over the UVLO threshold, the IC starts a
soft-start. The typical soft-start interval is about 130
µs.
Adjustable/Full Speed Mode Selection
The APL5606/A features an input pin to select one of the
operation modes for DC fan speed control. In adjustable
mode, the output voltage follows the 1.6 times of the volt-
age on VSET pin to dynamically adjust the DC fan speed;
in full speed mode, the internal P-channel MOSFET fully
turns on to drive the DC fan with maximum supply voltage
(V
IN-VDROP) for full speed operation. Driving the FSM volt-
age at high level(V
FSM>1.6V) sets the IC to operate in ad-
justable mode; driving the FSM at low level(V
FSM<0.4V)
sets the IC to operate in full speed mode. The FSM pin is
internally pulled low in the APL5606 and is pulled high in
the APL5605A.
Current-Limit
The APL5606/A provides a current-limit circuitry, which
monitors the output current and controls P-MOS’s gate
voltage to limit the output current at 700mA (min.).
Foldback Current-Limit
When the output voltage drops below 0.6V (typical), which
is caused by overload or short-circuit, the foldback cur-
rent-limit circuitry limits the output current to 250mA. The
foldback circuit current-limit is used to reduce the power
dissipation during short-circuit condition. The foldback
current-limit is disabled for 0.6ms (typical) after the UVLO
threshold is reached, therefore, the IC has normal 700mA
(min.) current-limit level during start-up.
Thermal Shutdown
A thermal shutdown circuit limits the junction temperature
of APL5606/A. When the junction temperature exceeds
+150οC, the thermal shutdown circuitry disables the
output, allowing the device to cool down. The output
circuitry is enabled again after the junction tempera-
ture cools down by 40οC, resulting in a pulsed output
during continuous thermal overload conditions. The ther-
mal protection is designed to protect the IC in the event
of over-temperature conditions. For reliable operation,
the junction temperature cannot exceed T
J=+125
οC.


Similar Part No. - APL5606KI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5606KI-TRL ANPEC-APL5606KI-TRL Datasheet
382Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
More results

Similar Description - APL5606KI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5606 ANPEC-APL5606_16 Datasheet
382Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
APL5605 ANPEC-APL5605 Datasheet
365Kb / 14P
   600mA Linear Regulator for DC Fan Speed Control
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com