Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5606KI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5606KI-TRL
Description  Low Dropout 600mA Linear Regulator for DC Fan Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5606KI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5606KI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5606KI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2010
www.anpec.com.tw
5
APL5606/A
Quiescent Current vs. Input Voltage
Typical Operating Characteristics (Cont.)
V
IN=5V, VSET=2V, VOUT=3.2V, CIN=1µF, COUT=2.2µF, unless otherwise specified.
Input Voltage, V
IN
(V)
0
40
80
120
160
200
0
1
2
3
4
5
6
I
OUT=0mA


Similar Part No. - APL5606KI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5606KI-TRL ANPEC-APL5606KI-TRL Datasheet
382Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
More results

Similar Description - APL5606KI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5606 ANPEC-APL5606_16 Datasheet
382Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
APL5605 ANPEC-APL5605 Datasheet
365Kb / 14P
   600mA Linear Regulator for DC Fan Speed Control
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com