Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC3033 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC3033 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TMC3033 Datasheet HTML 2Page - Fairchild Semiconductor TMC3033 Datasheet HTML 3Page - Fairchild Semiconductor TMC3033 Datasheet HTML 4Page - Fairchild Semiconductor TMC3033 Datasheet HTML 5Page - Fairchild Semiconductor TMC3033 Datasheet HTML 6Page - Fairchild Semiconductor TMC3033 Datasheet HTML 7Page - Fairchild Semiconductor TMC3033 Datasheet HTML 8Page - Fairchild Semiconductor TMC3033 Datasheet HTML 9Page - Fairchild Semiconductor TMC3033 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TMC3033
PRODUCT SPECIFICATION
6
Equivalent Circuits (continued)
Figure 4. Equivalent Analog Input Circuit
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Parameter
Min
Typ
Max
Unit
Power Supply Voltage
VDD (Measured to GND)
-0.5
7.0
V
Inputs
Applied Voltage (measured to GND)2
-0.5
VDD + 0.5
V
Forced Current3,4
-10.0
10.0
mA
Outputs
Applied Voltage (measured to GND)2
-0.5
VDD + 0.5
V
Forced Current3,4
-60.0
60.0
mA
Short Circuit Duration (single output in HIGH state to ground)
infinite
second
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
220
°C
Storage
-65
150
°C
p
GND
27012B
RREF
VREF
VDD
p


Similar Part No. - TMC3033

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC30 CADEKA-TMC3033KRC30 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC50 CADEKA-TMC3033KRC50 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC80 CADEKA-TMC3033KRC80 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033R2C30 CADEKA-TMC3033R2C30 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results

Similar Description - TMC3033

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com