Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3520DCQAI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3520DCQAI-TRG
Description  USB Dual Power-Distribution Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3520DCQAI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3520DCQAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3520DCQAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2012
APL3520A/B/C/D
www.anpec.com.tw
5
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, VEN =5V or VENB=0V and TA= -40 ~ 85
oC. Typical values are
at T
A=25
oC.
APL3520
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN1=VEN2=0V or VENB1=VENB2 =5V
-
-
1
µA
VIN Supply Current
No load, VEN1=VEN2=5V or VENB1=VENB2=0V
-
90
-
µA
Leakage Current
VOUT1=GND, VEN1=0V or VENB1=5V
VOUT2=GND, VEN2=0V or VENB2=5V
-
-
1
µA
Reverse Leakage Current
VIN=GND, VOUT1=5V
VIN=GND, VOUT2=5V
-
0
1
µA
POWER SWITCH1 & POWER SWITCH2
IOUT=1A, TA= 25
oC
-
70
-
m
RDS(ON)
Power Switch On Resistance
IOUT=1A, TA= -40 ~ 85
oC
-
70
-
m
UNDER-VOLTAGE LOCKOUT (UVLO)
VIN UVLO Threshold Voltage
VIN rising, TA= -40 ~ 85
oC
1.7
-
2.65
V
VIN UVLO Hysteresis
-
0.2
-
V
PROTECTIONS (CURRENT LIMIT1/2 AND SHORT-CIRCUIT1/2)
APL3520A/B
-
3.2
3.9
A
ILIM
Current Limit Threshold
VIN=2.7V to 5.5V,
TA= -40 ~ 85
oC
APL3520C/D
-
1.7
2.3
A
APL3520A/B
-
1.5
-
A
ISHORT
Short-Circuit Output Current
VIN=2.7V to 5.5V
APL3520C/D
-
0.8
-
A
FAULT INDICATION OUTPUT (OCB1 AND OCB2)
OCB Output Low Voltage
IOCB=5mA
-
0.2
0.4
V
OCB Leakage Current
VOCB=5V
-
-
1
µA
tD(OCB)
OCB Deglitch Time
OCB assertion, TA= -40 ~ 85
oC
4
10
15
ms
ENABLE/DISABLE (EN1/ENB1 AND EN2/ENB2)
VIH
Input Logic HIGH
VIN=2.7V to 5V
2
-
-
V
VIL
Input Logic LOW
VIN=2.7V to 5V
-
-
0.8
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V or VENB=5V,
-
40
100
tD(ON)
Turn on Delay Time
-
30
-
µs
tD(OFF)
Turn off Delay Time
-
5
-
µs
tSS
Soft-Start Time
No load, COUT=1
µF, V
IN=5V
-
400
-
µs
OVERT-TEMPERATURE PROTECTION (OTP1 & OTP2)
TOTP
Over-Temperature Threshold
TJ rising
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C


Similar Part No. - APL3520DCQAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3521 ANPEC-APL3521 Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521AI-TRG ANPEC-APL3521AI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521BI-TRG ANPEC-APL3521BI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3520DCQAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Impala Linear Corporati...
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
   USB DUAL POWER CONTROL SWITCHES
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
   USB DUAL POWER CONTROL SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com