Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L080N-UFG Datasheet(PDF) 9 Page - AMIC Technology

Part # A25L080N-UFG
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080N-UFG Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25L080N-UFG Datasheet HTML 5Page - AMIC Technology A25L080N-UFG Datasheet HTML 6Page - AMIC Technology A25L080N-UFG Datasheet HTML 7Page - AMIC Technology A25L080N-UFG Datasheet HTML 8Page - AMIC Technology A25L080N-UFG Datasheet HTML 9Page - AMIC Technology A25L080N-UFG Datasheet HTML 10Page - AMIC Technology A25L080N-UFG Datasheet HTML 11Page - AMIC Technology A25L080N-UFG Datasheet HTML 12Page - AMIC Technology A25L080N-UFG Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
A25L016 Series
(March, 2012, Version 2.0)
8
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
2,097,152 bytes (8 bits each)
32 blocks (64 Kbytes each)
512 sectors (4 Kbytes each)
8192 pages (256 bytes each)
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector, Block, or Chip
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
A25L016 Address Table
Block
Sector
Address range
511
1FF000h
1FFFFFh
31
496
1F0000h
1F0FFFh
495
1EF000h
1EFFFFh
30
480
1E0000h
1E0FFFh
479
1DF000h
1DFFFFh
29
464
1D0000h
1D0FFFh
463
1CF000h
1CFFFFh
28
448
1C0000h
1C0FFFh
447
1BF000h
1BFFFFh
27
432
1B0000h
1B0FFFh
431
1AF000h
1AFFFFh
26
416
1A0000h
1A0FFFh
415
19F000h
19FFFFh
25
400
190000h
190FFFh
399
18F000h
18FFFFh
24
384
180000h
180FFFh
383
17F000h
17FFFFh
23
368
170000h
170FFFh
367
16F000h
16FFFFh
22
352
160000h
160FFFh
351
15F000h
15FFFFh
21
336
150000h
150FFFh
Block
Sector
Address range
335
14F000h
14FFFFh
20
320
140000h
140FFFh
319
13F000h
13FFFFh
19
304
130000h
130FFFh
303
12F000h
12FFFFh
18
288
120000h
120FFFh
287
11F000h
11FFFFh
17
272
110000h
110FFFh
271
10F000h
10FFFFh
16
256
100000h
100FFFh
255
FF000h
FFFFFh
15
240
F0000h
F0FFFh
239
EF000h
EFFFFh
14
224
E0000h
E0FFFh
223
DF000h
DFFFFh
13
208
D0000h
D0FFFh
207
CF000h
CFFFFh
12
192
C0000h
C0FFFh
191
BF000h
BFFFFh
11
176
B0000h
B0FFFh
175
AF000h
AFFFFh
10
160
A0000h
A0FFFh


Similar Part No. - A25L080N-UFG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L080 AMICC-A25L080 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L080-F AMICC-A25L080-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L080-M AMICC-A25L080-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L080-MF AMICC-A25L080-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L080-MU AMICC-A25L080-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L080N-UFG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016 AMICC-A25L016 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com