Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega3250A-AUR Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATmega3250A-AUR
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250A-AUR Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATmega3250A-AUR Datasheet HTML 7Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 8Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 9Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 10Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 11Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 12Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 13Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 14Page - ATMEL Corporation ATmega3250A-AUR Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P [SUMMARY]
8285ES–AVR–02/2013
3.3
ATmega325A
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. VCC, see Figure 28-1 on page 295.
4. Tape & Reel
5. See characterizations specifications at 105°C.
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operation Range
20
1.8 - 5.5V
ATmega325A-AU
ATmega325A-AUR(4)
ATmega325A-MU
ATmega325A-MUR(4)
64A
64A
64M1
64M1
Industrial
(-4
0
C to 85C)
ATmega325A-AN
ATmega325A-ANR(4)
ATmega325A-MN
ATmega325A-MNR(4)
64A
64A
64M1
64M1
Extended
(-4
0
C to 105C)(5)
Package Type
64A
64-Lead, Thin (1.0mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0mm body, lead pitch 0.50mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATmega3250A-AUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3250A ATMEL-ATMEGA3250A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
More results

Similar Description - ATmega3250A-AUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com