Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL560128AH-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL560128AH-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560128AH-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL560128AH-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL560128AH-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
10
APL5601/5602
Application Information
Layout Consideration
Figure 1 illustrates the layout. Below is a checklist for
your layout:
1. Please place the input capacitors close to the VIN.
2. Ceramic capacitors for load must be placed near the
load as close as possible.
3. To place APL5601/5602 and output capacitors near the
load is good for performance.
4. Large current paths, the bold lines in figure 1, must
have wide tracks.
Input Capacitor
The APL5601/5602 require proper input capacitors to
supply surge current during stepping load transients to
prevent the input rail from dropping. Because the para-
sitic inductor from the voltage sources or other bulk ca-
pacitors to the VIN limits the slew rate of the surge current,
it is necessary to place the input capacitors near VIN as
close as possible. Input capacitors should be larger than
0.82
µF.
Output Capacitor
The APL5601/5602 need a proper output capacitor to
maintain circuit stability and to improve transient response
over temperature and current. In order to insure the cir-
cuit stability, the proper output capacitor value should be
larger than 1
µF. With X5R and X7R dielectrics, 2.2µF is
sufficient at all operating temperatures. Maximum output
capacitor should be less than 330
µF to insure the sys-
tem can be powered on successfully.
The APL5601/5602 maximum power dissipation de-
pends on the thermal resistance and temperature differ-
ence between the die junction and ambient air. The power
dissipation P
D across the device is:
P
D = (TJ - TA) / θJA
where (T
J-TA) is the temperature difference between the
junction and ambient air.
θ
JA is the thermal resistance
between junction and ambient air. Assuming the T
A=25
oC,
maximum T
J=150
oC (typical thermal limit threshold) and
θ
JA=260
oC/W (SOT-23-3), so the maximum power dissi-
pation is calculated as:
Operation Region and Power Dissipation
Figure 1.
Recommended Minimum Footprint
0.038
0.091
0.126
Unit : Inch
SOT-223
P
D(max)=(150-25)/260
= 0.48(W)
For normal operation, do not exceed the maximum oper-
ating junction temperature of T
J=125
oC. The calculated
power dissipation should be less than:
The pin 3 of the SOT-23 and the tabs (and pin 2) of the
SOT-89 and SOT-223 provide an electrical connections
and channel heat away. Connect the pins and tabs to a
large area copper plane on PCBs for better heat
dissipation.
P
D =(125-25)/260
= 0.38(W)
0.022
0.059
0.076
Unit : Inch
SOT-89
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
Output Capacitor(
µF)
Stable region
Instable region
Untested
VIN
VOUT
GND
APL5601/5602
C
IN
C
OUT
V
IN
V
OUT


Similar Part No. - APL560128AH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560128AH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com