Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22153AKHC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # TMC22153AKHC
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC22153AKHC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  TMC22153AKHC Datasheet HTML 1Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 2Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 3Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 4Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 5Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 6Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 7Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 8Page - Fairchild Semiconductor TMC22153AKHC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
PRODUCT SPECIFICATION
TMC22x5yA
REV. 1.0.0 2/4/03
5
assumed to be luminance and the high frequency portion is
processed as chrominance to find the magnitude and phase of
the chrominance vector. These three components are then
compared across the (0H & 1H) and (1H & 2H) taps of the
comb filter to produce the difference in luminance, chromi-
nance magnitude, and chrominance phase. These differences
are then translated in the user-programmable lookup table to
produce the “K” signal which controls the complementary
mix between the output of the comb filter and the simple
bandsplit decoder. That is, the “K” signals controls how
much of the combed high frequency luminance signal is sub-
tracted from the simple bandsplit chrominance for chroma
combs, or added to the low frequency output of the bandsplit
for luma comb filters.
Output Processor
The demodulated chrominance signal and the luminance
signal are passed through a programmable output matrix,
producing RGB, YUV, or YCBCR. When the clock is at
27MHz, a D1 signal can be produced on the R/V output with
the embedded TRS words fixed to the external HSYNC and
VSYNC timing.
Parallel and Serial Microprocessor Interfaces
The parallel microprocessor interface employs 12 pins, the
serial port uses 5. A single pin, SER, selects between the two
interface modes.
In parallel interface mode, one address line is decoded for
access to the internal control register and its pointer.
Controls are reached by loading a desired address through
the 8-bit D7-0 port, followed by the desired data (read or
write) for that address. The control register address pointer
auto-increments to address 3Fh and then remains there.
A 2-line serial interface may also be used for initialization
and control. The same set of registers accessed by the paral-
lel port is available to the serial port. The device address in
the serial interface is selected via pins SA2-0.
The RESET pin sets all internal state machines to their ini-
tialized conditions and places the decoder in a power-down
mode. All register data are maintained while in power-down
mode.
Pin Assignments
G/Y1
G/Y0
LDV
GND
VDD
B/Cb9
B/Cb8
B/Cb7
B/Cb6
B/Cb5
B/Cb4
B/Cb3
B/Cb2
B/Cb1
B/Cb0
GND
VDD
R/Cr9
R/Cr8
R/Cr7
R/Cr6
R/Cr5
R/Cr4
R/Cr3
R/Cr2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
R/Cr1
R/Cr0
GND
VDD
DREF
FID0
FID1
FID2
DHSYNC
DVSYNC
D0
D1
D2
GND
VDD
D3
D4
D5
D6
D7
GND
VDD
HSYNC
VSYNC
BUFFER
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Pin Name
Pin Name
RESET
SET
SER
SA0
SA1
SA2
GND
SDA
SCL
CS
R/W
A0
A1
GND
VDD
VIDEOB0
VIDEOB1
VIDEOB2
VIDEOB3
VIDEOB4
VIDEOB5
VIDEOB6
VIDEOB7
VIDEOB8
VIDEOB9
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
GND
VIDEOA0
VIDEOA1
VIDEOA2
VIDEOA3
VIDEOA4
VIDEOA5
VIDEOA6
VIDEOA7
VIDEOA8
VIDEOA9
MASTER0
MASTER1
CLOCK
GND
VDD
GND
G/Y9
G/Y8
G/Y7
G/Y6
G/Y5
G/Y4
G/Y3
G/Y2
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Pin Name
Pin
Name
1
30
65-22x5y-03
31
50
51
80
81
100


Similar Part No. - TMC22153AKHC

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22153AKHC CADEKA-TMC22153AKHC Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC22153AKHC

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com