Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7000 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7000
Description  1X/1.5X/2x Charge Pump White LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7000 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7000 Datasheet HTML 7Page - Anpec Electronics Coropration APW7000 Datasheet HTML 8Page - Anpec Electronics Coropration APW7000 Datasheet HTML 9Page - Anpec Electronics Coropration APW7000 Datasheet HTML 10Page - Anpec Electronics Coropration APW7000 Datasheet HTML 11Page - Anpec Electronics Coropration APW7000 Datasheet HTML 12Page - Anpec Electronics Coropration APW7000 Datasheet HTML 13Page - Anpec Electronics Coropration APW7000 Datasheet HTML 14Page - Anpec Electronics Coropration APW7000 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2009
APW7000
www.anpec.com.tw
11
Function Description (Cont.)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
ILED (mA)
LED Current Setting (Cont.)
Figure 1. R
SET Value vs. LED Current
Shutdown/Enable
Pull the EN above 1.3V to enable the device and pull EN
pin below 0.3V to disable the device. In shutdown mode,
all internal control circuits are turned off and the quies-
cent current is below 2
µA. When the device exits shut-
down mode, the output has soft-start function as the in-
put voltage startup.
Over-Voltage Protection
If any of LEDs is failed or unused LED channel is not
connected to the VOUT, the charge pump mode will go
into 2x mode and the output voltage will be pumped to 2
times the input voltage. If the output voltage is over 5.5V,
the over-voltage protection circuit will limit the output volt-
age to approximately 5.5V.


Similar Part No. - APW7000

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7001 ANPEC-APW7001 Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7001QAI-TRG ANPEC-APW7001QAI-TRG Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7004 ANPEC-APW7004 Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TR ANPEC-APW7004KC-TR Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TU ANPEC-APW7004KC-TU Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
More results

Similar Description - APW7000

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com