Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7000 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7000
Description  1X/1.5X/2x Charge Pump White LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7000 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7000 Datasheet HTML 2Page - Anpec Electronics Coropration APW7000 Datasheet HTML 3Page - Anpec Electronics Coropration APW7000 Datasheet HTML 4Page - Anpec Electronics Coropration APW7000 Datasheet HTML 5Page - Anpec Electronics Coropration APW7000 Datasheet HTML 6Page - Anpec Electronics Coropration APW7000 Datasheet HTML 7Page - Anpec Electronics Coropration APW7000 Datasheet HTML 8Page - Anpec Electronics Coropration APW7000 Datasheet HTML 9Page - Anpec Electronics Coropration APW7000 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2009
APW7000
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
17
18
19
20
21
22
-40
-20
0
20
40
60
80
100 120 140
4 LEDs at 20mA
VIN=2.7V
17
18
19
20
21
22
-40
-20
0
20
40
60
80
100 120 140
4 LEDs at 20mA
VIN=3.3V
Temperature (
°C)
LED Current vs. Temperature
LED Current vs. Temperature
Temperature (
°C)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
4 LEDs at 20mA
VF=3.3V
200
250
300
350
400
-40
-20
0
20
40
60
80
100 120 140
in 1x mode
VIN=4V
Quiescent Current vs. Temperature
Temperature (
°C)
Input Voltage(V)
Quiescent Current vs. Input Voltage
IIN (100mA/div)
VOUT (2V/div)
EN (5V/div)
ILED (10mA/div)
4 LEDs at 20mA
VF=3.1V, VIN=3.3V
IIN (100mA/div)
VOUT (2V/div)
EN (5V/div)
ILED (10mA/div)
4 LEDs at 20mA
VF=3.1V, VIN=4V
TIME (0.1ms/div)
StartUp in 1x Mode
StartUp in 1.5x Mode
TIME (0.1ms/div)


Similar Part No. - APW7000

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7001 ANPEC-APW7001 Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7001QAI-TRG ANPEC-APW7001QAI-TRG Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7004 ANPEC-APW7004 Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TR ANPEC-APW7004KC-TR Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TU ANPEC-APW7004KC-TU Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
More results

Similar Description - APW7000

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com