Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L1616V-75I Datasheet(PDF) 8 Page - AMIC Technology

Part # A43L1616V-75I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L1616V-75I Datasheet(HTML) 8 Page - AMIC Technology

Back Button A43L1616V-75I Datasheet HTML 4Page - AMIC Technology A43L1616V-75I Datasheet HTML 5Page - AMIC Technology A43L1616V-75I Datasheet HTML 6Page - AMIC Technology A43L1616V-75I Datasheet HTML 7Page - AMIC Technology A43L1616V-75I Datasheet HTML 8Page - AMIC Technology A43L1616V-75I Datasheet HTML 9Page - AMIC Technology A43L1616V-75I Datasheet HTML 10Page - AMIC Technology A43L1616V-75I Datasheet HTML 11Page - AMIC Technology A43L1616V-75I Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
7
AMIC Technology, Corp.
Operating AC Parameter
(AC operating conditions unless otherwise noted)
Version
Symbol
Parameter
-6
-7
Unit
Note
tRRD(min)
Row active to row active delay
12
14
ns
1
tRCD(min)
RAS to
CAS delay
18
20
ns
1
tRP(min)
Row precharge time
18
20
ns
1
tRAS(min)
42
42
ns
1
tRAS(max)
Row active time
100
μs
tRC(min)
Row cycle time
60
63
ns
1
tCDL(min)
Last data in new col. Address delay
6
7
ns
2
tRDL(min)
Last data in row precharge
12
14
ns
2
tBDL(min)
Last data in to burst stop
6
7
ns
2
tCCD(min)
Col. Address to col. Address delay
6
7
ns
CAS Latency = 3
2
Number of valid output data
CAS Latency = 2
1
ea
3
Note:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. In case of row precharge interrupt, auto precharge and read burst stop.


Similar Part No. - A43L1616V-75I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L1616V-7F AMICC-A43L1616V-7F Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L1616V-7UF AMICC-A43L1616V-7UF Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43L1616V-75I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com