Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7057KC-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7057KC-TRG
Description  High Power Step-Down Synchronous DC/DC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7057KC-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7057KC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7057KC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7057
www.anpec.com.tw
9
Operating Waveforms (Cont.)
3. Powering ON / OFF
Soft-Start at Powering ON
V
OUT
V
IN
Ch1 : VIN, 2V/Div, DC
Ch2 : VOUT, 1V/Div, DC
Time : 1mS/Div
BW = 20MHz
Powering OFF
V
OUT
V
IN
Ch1 : VIN, 2V/Div, DC
Ch2 : VOUT, 1V/Div, DC
Time : 5mS/Div
BW = 20MHz
4. Short-Circuit Protection
Under-Voltage (UVP)
and Over-Current Protection (OCP)
V
OUT
Ch1 : VOUT, 1V/Div, DC
Ax1 : IOUT, 10A/Div
Time : 1mS/Div
BW = 20MHz
I
OUT
UVP
OCP
OCP
(Refer to the typical application circuit)


Similar Part No. - APW7057KC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7057KC-TR ANPEC-APW7057KC-TR Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
More results

Similar Description - APW7057KC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com