Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7062BKC-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7062BKC-TRG
Description  Synchronous Buck PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7062BKC-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7062BKC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7062BKC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2008
APW7062B
www.anpec.com.tw
8
Typical Application Circuit
+
×
=
R9
R8
1
V
V
REF
OUT
+
C9
1000uF
R8
1KF
C1
1uF
C11
4.7uF
R1
10R
R7
NC
L2
2.2uH
+
C10
1000uF
R9
2KF
D2
SR24
R5
2R2
C12
NC
R3
1K
D1
1N4148
+
C4
100uF
R6
0R
C2
1nF
R2
10K
7
4
2
8
5
6
1
3
Q1
A PM4220
RT
1
OCSET
2
SS
3
COMP
4
FB
5
EN
6
GND
7
PHASE
8
UGATE
9
BOOT
10
PGND
11
LGA TE
12
PVCC
13
VCC
14
U1
A PW7062B
R4
NC
C8
0.1uF
+
C3
470uF
C7
0.1uF
7
4
2
8
5
6
1
3
Q2
A PM4220
C5
4.7uF
L1
1uH
SHDN
12V
12V
1.2V
16V
1%
30mR
16V
6.3V
30mR
2A/40V
1%
6.3V
30mR
R10
15K
C12
8200pF
C13
47pF
+
C6
470uF
16V
30mR
Block Diagram
Gate
Control
Oscillator
Soft Start
Power-On
Reset
V
CC
PHASE
LGATE
RT
FB
SS
GND
EN
VCC
OCSET
BOOT
UGATE
PGND
PVCC
V
REF
I
OCSET
200
µA
I
SS
10
µA
5.8V
50%V
REF
O.C.P
Comparator
Error
Amp
PWM
Comparator
U.V.P
Comparator
Triangle
Wave
: 2
COMP


Similar Part No. - APW7062BKC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062BKC-TR ANPEC-APW7062BKC-TR Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
APW7062BKC-TRL ANPEC-APW7062BKC-TRL Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7062BKC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com