Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2249AKEC1 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # TMC2249AKEC1
Description  Digital Mixer 12 x 12 Bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2249AKEC1 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button TMC2249AKEC1 Datasheet HTML 6Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 7Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 8Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 9Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 10Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 11Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 12Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 13Page - Fairchild Semiconductor TMC2249AKEC1 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PRODUCT SPECIFICATION
TMC2249A
10
REV. 1.0.2 7/6/00
Application Notes
The TMC2249A is a flexible signal and image processing building block with numerous user-selectable functions which
expand its usefulness. Table 2 clarifies the operation of the device, demonstrating the various feature available to the user and
the timing delays incurred.
Table 2. TMC2249A Operation Sequence
CASEN = 0, H=HIGH, L=LOW, “ms” indicates most significant output word (bits 23-8), “ls” indicates least significant word (bits
15-0). The appropriate enables for the indicated data are assumed, otherwise ‘-’ indicates that port not enabled. Note that the
output data summations including A(8)-D(8) is lost, since the output on cycle 13 is swapped to the LSW of S(12) on cycle 8.
In general, RND may be left high unless the ls output is to be used, as on line 8 above.
CLK ADEL A
11-0
BDEL B
11-0
CDEL C
11-0
DDEL D
11-0
NEG1 NEG2 CAS15-0 FT ACC RND SWAP
S15-0
1
0
A(1)
0
B(1)
0
C(1)
0
D(1)
L
L
0
L
L
H
H
2
0
A(2)
0
B(2)
0
C(2)
0
D(2)
L
H
0
L
L
H
H
3
0
A(3)
0
B(3)
0
C(3)
0
D(3)
H
L
0
L
L
L
H
4
0
A(4)
0
B(4)
0
C(4)
0
D(4)
L
L
CAS(4)
L
L
L
H
5
0
A(5)
0
B(5)
0
C(5)
0
D(5)
L
L
0
L
L
L
H
6
0
A(6)
0
B(6)
0
C(6)
0
D(6)
L
L
0
L
L
H
H
(A(1)
× B(1)+C(1) × D(1)+27)ms
7
0
A(7)
0
B(7)
0
C(7)
0
D(7)
L
L
0
L
H
X
H
(A(2)
× B(2)-C(2) × D(2)+27)ms
8
0
A(8)
0
B(8)
0
C(8)
0
D(8)
L
L
CAS(8)
H
L
L
L
(-A(3)
× B(3)+C(3) × D(3))ms
9
0
A(9)
0
B(9)
0
C(9)
0
D(9)
L
L
0
L
L
H
H
(A(4)
× B(4)+C(4) × D(4)+CAS(4))ms
10
(A(5)
× B(5)+C(5) × D(5)+CAS(8))ms
11
(A(6)
× B(6)+C(6) × D(6)+27)ms
12
(A(7)
× B(7)+C(7) × D(7)+S(11))ms
13
(S(12))
ls
14
(A(9)
× B(8)+C(7) × D(6)+27)ms
Digital Filtering
The input structure of the TMC2249A demonstrates great
versatility when all four multiplier inputs and the program-
mable delay registers are utilized.
Table 3 and Table 4 illlustrate how a direct-form symmetric
FIR filter of up to 32 taps can be implemented. By utilizing
the four input delay registers as pipelined storage banks, the
user can store up to 32 coefficient-data word pairs, split into
alternate "even" and "odd" halves. Two taps of the filter are
calculated on each clock, and the user then increments/decre-
ments the delay words (ADEL-DDEL). The sums of prod-
ucts are successively added to the global sum in the internal
accumulator.
Table 3. FIR Filtering with the TMC2249A—Initial Data Loading
Even Data
Odd Data
Coefficient
Storage
Register Position (Hex)
A
C
B
D
0
x(31)
x(30)
h(0)
h(1)
1
x(29)
x(28)
h(2)
h(3)
2
x(27)
x(26)
h(4)
h(5)
3
x(25)
x(24)
h(6)
h(7)
4
x(23)
x(22)
h(8)
h(9)
5
x(21)
x(20)
h(10)
h(11)
6
x(19)
x(18)
h(12)
h(13)
7
x(17)
x(16)
h(14)
h(15)
8
x(15)
x(14)
h(15)
h(14)
9
x(13)
x(12)
h(13)
h(12)
A
x(11)
x(10)
h(11)
h(10)
B
x(9)
x(8)
h(9)
h(8)
C
x(7)
x(6)
h(7)
h(6)
D
x(5)
x(4)
h(5)
h(4)
E
x(3)
x(2)
h(3)
h(2)
F
x(1)
x(0)
h(1)
h(0)


Similar Part No. - TMC2249AKEC1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2249AKEC1

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
   12-bit digital output
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com