Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2330AKEC1 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # TMC2330AKEC1
Description  Coordinate Transformer 16 x 16 Bit, 40 MOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2330AKEC1 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button TMC2330AKEC1 Datasheet HTML 4Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 5Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 6Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 7Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 8Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 9Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 10Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 11Page - Fairchild Semiconductor TMC2330AKEC1 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRODUCT SPECIFICATION
TMC2330A
8
REV. 1.1.8 10/31/00
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
-0.5
7.0
V
Input Voltage
-0.5
VDD + 0.5
V
Output Applied Voltage2
-0.5
VDD + 0.5
V
Externally Forced Current3,4
-3.0
6.0
V
Short-Circuit Duration
Single output in HIGH state
to ground
1
sec
Operating Temperature
-20
110
°C
Ambient Temperature
-20
110
°C
Storage Temperature
-65
150
°C
Junction Temperature
140
°C
Lead Soldering
10 seconds
300
°C
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fCLK
Clock frequency
TMC2330A
20
MHz
TMC2330A-1
40
MHz
tPWH
Clock Pulse Width, HIGH
7
ns
tPWL
Clock Pulse Width, LOW
6
ns
tS
Input Data Setup Time
6
ns
tH
Input Data Hold Time
1
ns
VlH
Input Voltage, Logic HIGH
2.0
V
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
lOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C


Similar Part No. - TMC2330AKEC1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2330AKEC1 CADEKA-TMC2330AKEC1 Datasheet
270Kb / 18P
   Coordinate Transformer 16 x 16 Bit, 40 MOPS
More results

Similar Description - TMC2330AKEC1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2330A CADEKA-TMC2330A Datasheet
270Kb / 18P
   Coordinate Transformer 16 x 16 Bit, 40 MOPS
logo
LOGIC Devices Incorpora...
L2330 LODEV-L2330 Datasheet
295Kb / 14P
   Coordinate Transformer
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com