Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC821A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 74LVC821A
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  74LVC821A_1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
5 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 5.
Pin configuration SO24 and (T)SSOP24.
Fig 6.
Pin configuration DHVQFN24.
821A
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
D8
Q8
D9
Q9
GND
CP
001aaa676
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
1
2
3
4
5
6
7
8
9
D0
D1
D2
D3
D4
D5
D6
D7
23
22
21
20
19
18
17
16
Q1
Q0
Q2
Q3
Q4
Q5
Q6
Q7
10
11
D8
D9
15
14
Q8
Q9
24
OE
VCC
12
13
GND
Top view
CP
GND(1)
001aaa680
Table 3:
Pin description
Symbol
Pin
Description
OE
1
output enable input (active LOW)
D0
2
data input
D1
3
data input
D2
4
data input
D3
5
data input
D4
6
data input
D5
7
data input
D6
8
data input
D7
9
data input
D8
10
data input
D9
11
data input


Similar Part No. - 74LVC821A_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821AD PHILIPS-74LVC821AD Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821AD NXP-74LVC821AD Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821ADB PHILIPS-74LVC821ADB Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821ADB NXP-74LVC821ADB Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
More results

Similar Description - 74LVC821A_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com