Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5309-22B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5309-22B
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5309-22B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5309-22B Datasheet HTML 1Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 2Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 3Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 4Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 5Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 6Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 7Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 8Page - Anpec Electronics Coropration APL5309-22B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APL5308/9
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OTS
Over Temperature Shutdown
-
150
-
°C
Over Temperature Shutdown Hysteresis
Hysteresis
-
30
-
°C
TC
Output Voltage Temperature Coefficient
-
50
-
ppm/
°C
TJ
Junction Temperature
0
-
125
°C
COUT
Output Capacitor
-
2.2
-
µF
ESR
0.01
0.1
1
Ohm
Note 3 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT+1V.
Unless otherwise noted these specifications apply over full temperature, C
IN = 1µF, COUT = 4.7µF, TA= -40 to 85°C. Typical values refer
to T
A = 25°C.


Similar Part No. - APL5309-22B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5309-22B ANPEC-APL5309-22B Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5309-22BC ANPEC-APL5309-22BC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5309-22B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com