Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO5040H-473MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO5040H-473MLD
Description  SMT Power Inductors - DO5040H
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO5040H-473MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO5040H-473MLD Datasheet HTML 1Page - Coilcraft lnc. DO5040H-473MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - DO5040H Series
Document 479-2
Document 479-2 Revised 10/14/08
Typical L vs Current
Typical L vs Frequency
1
10
100
1000
0.1
100
10
1
Current (A)
2.8 µH
33 µH
12 µH
100 µH
0.001
0.01
10
1
0.1
Frequency (MHz)
1
10
100
1000
2.8 µH
33 µH
12 µH
100 µH
0.500
12,7
max
0.472
12,00
0.730
18,54
max
0.561
14,25
min
0.200
5,08
max
0.710
18,03
0.065
1,65
max
max
0.600
15,24
max
0.250
6,35
Recommended
Land Pattern
0.626
15,90
0.075
1,90
Internal
code
Dash
number
0.500
12,7
max
0.472
12,00
0.690
17,53
0.470
11,94
Recommended
Land Pattern
0.640
16,26
max
max
0.450
11,43
0.340 ±0.010
8,64 ±0,25
0.561
14,25
min
0.880
22,35
max
0.815
20,70
max
0.125
3,18
max
0.125
3,18
Internal
code
Dash
number
Current Derating
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
-40
-20
020406080
100
140
120
Isat
Irms
2.8 µH – 12 µH
15 µH – 1400 µH
Dimensions are in
inches
mm


Similar Part No. - DO5040H-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5040H-473ML COILCRAFT-DO5040H-473ML Datasheet
216Kb / 2P
   SMT Power Inductors
DO5040H-473ML COILCRAFT-DO5040H-473ML Datasheet
582Kb / 2P
   SMT Power Inductors ??DO5040H
More results

Similar Description - DO5040H-473MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5040H COILCRAFT-DO5040H_15 Datasheet
582Kb / 2P
   SMT Power Inductors ??DO5040H
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com