Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7065 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7065
Description  Synchronous Buck PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7065_09 Datasheet HTML 2Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 3Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 4Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 5Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 6Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 7Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 8Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 9Page - Anpec Electronics Coropration APW7065_09 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7065
www.anpec.com.tw
6
UGATE Rising
UGATEFalling
CH1
CH2
CH3
CH1
CH2
CH3
CH1: Ug (20V/div)
CH2: Lg (5V/div)
CH3: Phase (10V/div)
Time: 50ns/div
CH1: Ug (20V/div)
CH2: Lg (5V/div)
CH3: Phase (10V/div)
Time: 50ns/div
Typical Operating Characteristics (Cont.)
0
Load Transient Response
Under Voltage Protection
CH1
CH2
CH1
CH2
CH3
CH4
CH1: IL (10A/div)
CH2: Vo (1V/div)
CH3: Ug (20V/div)
CH4: Lg (10V/div)
Time: 100us/div
CH1: Vo (500mV/div,AC)
CH2:Io (5A/div)
Time: 1ms/div
0A
10A
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
VCC=12V, VIN=12V
V
O=1.2V, L=4.7µH
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
I
OUT=5A
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
I
OUT=5A


Similar Part No. - APW7065_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7065CKE-TRG ANPEC-APW7065CKE-TRG Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7065CKE-TRL ANPEC-APW7065CKE-TRL Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7065KE-TR ANPEC-APW7065KE-TR Datasheet
764Kb / 19P
   Synchronous Buck PWM Controller
APW7065KE-TRL ANPEC-APW7065KE-TRL Datasheet
764Kb / 19P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7065_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com