Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1608C-333MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DS1608C-333MLC
Description  Shielded Power Inductors - DS1608C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DS1608C-333MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  DS1608C-333MLC Datasheet HTML 1Page - Coilcraft lnc. DS1608C-333MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 186-2
Shielded Power Inductors – DS1608
Typical L vs Frequency
Typical L vs Current
0.01
0.1
110
0.1
1
10
100
1000
10000
100000
Frequency (MHz)
10000 µH
1000 µH
100 µH
10 µH
1µH
0.01
0.1
110
Current (A)
0.1
1
10
100
1000
10000
100000
10000 µH
1000 µH
100 µH
10 µH
1µH
Document 186-2 Revised 09/20/07
0.115
2,92 max
Recommended
Land Pattern
0.160
4,06
0.140
3,56
0.055
1,40
0.270
6,86
Dash
number
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
0.070
1,78
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm for details.
0.115
2,92 max
Recommended
Land Pattern
0.160
4,06
0.140
3,56
0.055
1,40
0.270
6,86
Dash
number
0.260
6,60
max
0.175
4,45
max
0.090
2,29
0.040
1,02
min
0.170
4,32
0.050
1,27
0.070
1,78
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm for details.


Similar Part No. - DS1608C-333MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C-333MLC COILCRAFT-DS1608C-333MLC Datasheet
484Kb / 3P
   Shielded Power Inductors ??DS1608C
More results

Similar Description - DS1608C-333MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS1608C COILCRAFT-DS1608C_15 Datasheet
484Kb / 3P
   Shielded Power Inductors ??DS1608C
DS1608C-105MLC COILCRAFT-DS1608C-105MLC Datasheet
246Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-222MLC COILCRAFT-DS1608C-222MLC Datasheet
213Kb / 2P
   Shielded Power Inductors - DS1608C
DS1608C-474MLC COILCRAFT-DS1608C-474MLC Datasheet
213Kb / 2P
   Shielded Power Inductors ??DS1608C
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com