Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E1632V-75I Datasheet(PDF) 9 Page - AMIC Technology

Part # A43E1632V-75I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E1632V-75I Datasheet(HTML) 9 Page - AMIC Technology

Back Button A43E1632V-75I Datasheet HTML 5Page - AMIC Technology A43E1632V-75I Datasheet HTML 6Page - AMIC Technology A43E1632V-75I Datasheet HTML 7Page - AMIC Technology A43E1632V-75I Datasheet HTML 8Page - AMIC Technology A43E1632V-75I Datasheet HTML 9Page - AMIC Technology A43E1632V-75I Datasheet HTML 10Page - AMIC Technology A43E1632V-75I Datasheet HTML 11Page - AMIC Technology A43E1632V-75I Datasheet HTML 12Page - AMIC Technology A43E1632V-75I Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
8
AMIC Technology, Corp.
Simplified Truth Table
Command
CKEn-1 CKEn
CS
RAS CAS
WE
DQM BA0
BA1
A10
/AP
A9~A0,
A11
Notes
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Addr.
4
Auto Precharge Disable
L
4
Read &
Column Addr. Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Addr.
4,5
Auto Precharge Disable
L
4
Write &
Column Addr. Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Addr.
4,5
Burst Stop
H
X
L
H
H
L
X
X
Bank Selection
V
L
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
L
H
H
H
Entry
H
L
H
X
X
X
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
L
H
H
H
Entry
H
L
H
X
X
X
X
L
V
V
V
Precharge Power Down Mode
Exit
L
H
H
X
X
X
X
X
DQM
H
X
V
X
6
L
H
H
H
No Operation Command
H
X
H
X
X
X
X
X
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note :
1. OP Code: Operand Code
A0~A11, BA0, BA1: Program keys. (@MRS)
2. MRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3. Auto refresh functions as same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by “Auto”.
Auto/Self refresh can be issued only at both precharge state.
4. BA0, BA1 : Bank select address.
If both BA1 and BA0 are “Low” at read, write, row active and precharge, bank A is selected.
If both BA1 is “Low” and BA0 is “High” at read, write, row active and precharge, bank B is selected.
If both BA1 is “High” and BA0 is “Low” at read, write, row active and precharge, bank C is selected.
If both BA1 and BA0 are “High” at read, write, row active and precharge, bank D is selected.
If A10/AP is “High” at row precharge, BA1 and BA0 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read write command cannot be issued.
Another bank read write command can be issued at every burst length.
6. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0) but
masks the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2)


Similar Part No. - A43E1632V-75I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161 Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161 AMICC-A43E16161 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V AMICC-A43E16161V Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V-75F AMICC-A43E16161V-75F Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V-75UF AMICC-A43E16161V-75UF Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E1632V-75I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com