Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPQ3467 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMPQ3467
Description  PNP Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMPQ3467 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMPQ3467 Datasheet HTML 1Page - Fairchild Semiconductor MMPQ3467 Datasheet HTML 2Page - Fairchild Semiconductor MMPQ3467 Datasheet HTML 3Page - Fairchild Semiconductor MMPQ3467 Datasheet HTML 4Page - Fairchild Semiconductor MMPQ3467 Datasheet HTML 5Page - Fairchild Semiconductor MMPQ3467 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PNP Switching Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS*
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 040V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
IBEV
Base-Cutoff Current
VCE = 30 V, VBE = 3.0 V
120
nA
ICEX
Collector-Cutoff Current
VCE = 30 V, VBE = 3.0 V
100
nA
ICBO
Collector-Cutoff Current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150
°C
0.01
15
µA
µA
SWITCHING CHARACTERISTICS (except for MMPQ3467)
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 1.0%
td
Delay Time
VCC = 30 V, VBE = 2.0 V,
10
ns
tr
Rise Time
IC = 500 mA, IB1 = 50 mA
30
ns
ts
Storage Time
VCC = 30 V, IC = 500 mA,
60
ns
tf
Fall Time
IB1 = IB2 = 50 mA
30
ns
hFE
DC Current Gain
IC = 150 mA, VCE = 1.0 V
IC = 500 mA, VCE = 1.0 V
IC = 1.0 A, VCE = 5.0 V
40
40
40
120
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
IC = 1.0 A, IB = 100 mA
0.3
0.5
1.0
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
IC = 1.0 A, IB = 100 mA
0.8
1.0
1.2
1.6
V
V
V
fT
Current Gain-Bandwidth Product
IC = 50 mA, VCE = 10 V,
f = 100 MHz
175
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 1.0 KHz
25
pF
Cibo
Input Capacitance
VBE = 0.5 V, IC = 0, f = 1.0 KHz
100
pF


Similar Part No. - MMPQ3467

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMPQ3467 MOTOROLA-MMPQ3467 Datasheet
111Kb / 4P
   Quad Memory Driver Transistor
logo
ON Semiconductor
MMPQ3467 ONSEMI-MMPQ3467 Datasheet
149Kb / 4P
   Quad Memory Driver Transistor PNP Silicon
August, 2006 ??Rev. 4
More results

Similar Description - MMPQ3467

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com