Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2249AKEC2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TMC2249AKEC2
Description  Digital Mixer 12 x 12 Bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2249AKEC2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TMC2249AKEC2 Datasheet HTML 1Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 2Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 3Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 4Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 5Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 6Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 7Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 8Page - Fairchild Semiconductor TMC2249AKEC2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.fairchildsemi.com
REV. 1.0.2 7/6/00
Features
• 60 MHz input and computation rate
• Two 12-bit multipliers
• Separate data and coefficient inputs
• Independent, user-selectable pipeline delays of 1 to 16
clocks on all input ports
• Separate 16-bit input port allows cascading or addition of
a constant
• User-selectable rounded output
• Internal 1/2 LSB rounding of products
• Fully registered, pipelined architecture
• Available in 120-Pin CPGA, PPGA, MPGA or MQFP
Applications
• Video switching
• Image mixing
• Digital signal modulation
• Complex frequency synthesis
• Digital filtering
• Complex arithmetic functions
Description
The TMC2249A is a high-speed digital arithmetic circuit
consisting of two 12-bit multipliers, an adder and a cascade-
able accumulator. All four multiplier inputs are simulta-
neously accessible to the user, and each includes a user-
programmable pipeline delay of up to 16 clocks in length.
The 24-bit adder/subtractor is followed by an accumulator
and 16-bit input port which allows the user to cascade multi-
ple TMC2249As. A new 16-bit accumulated output is avail-
able every clock, up to the maximum rate of 60 MHz. All
inputs and outputs are registered except the three-state out-
put enable, and all are TTL compatible.
Logic Symbol
TMC2249A
Digital Mixer
CLK
NEG1
NEG2
SWAP
OE
ACC
RND
FT
CASEN
S15-0
Delay
1-16
Delay
1-16
Delay
1-16
Delay
1-16
B11-0
ADEL3-0
A11-0
BDEL3-0
ENA
ENB
C11-0
CDEL3-0
ENC
D11-0
CAB15-0
DDEL3-0
END
The TMC2249A utilizes a pipelined, bus-oriented structure
offering significant flexibility. Input register clock enables
and programmable input data pipeline delays on each port
offer an adaptable input structure for high-speed digital
systems. Following the multipliers, the user may perform
addition or subtraction of either product, arithmetic rounding
to 16 bits, and accumulation and summation of products with a
cascading input. The output port allows access to all 24 bits of
the internal accumulator by switching between overlapping
least and most-significant 16-bit words, and a three-state out-
put enable simplifies connection to an external system bus.
The TMC2249A has numerous applications in digital pro-
cessing algorithms, from executing simple image mixing and
switching, to performing complex arithmetic functions and
complex waveform synthesis. FIR filters, digital quadrature
mixers and modulators, and vector arithmetic functions may
also be implemented with this device.
Fabricated in a submicron CMOS process, the TMC2249A
operates at guaranteed clock rates of up to 60 MHz over the
full temperature and supply voltage ranges. It is pin- and
function-compatible with Fairchild’s TMC2249, while pro-
viding higher speed operation and lower power dissipation. It
is available in a 120 pin Ceramic Pin Grid Array (CPGA),
120 pin Plastic Pin Grid Array (PPGA), 120 lead MQFP to
PPGA package (MPGA), and a 120 lead Metric Quad Flat-
Pack (MQFP).
TMC2249A
Digital Mixer
12 x 12 Bit, 60 MHz


Similar Part No. - TMC2249AKEC2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2249AKEC2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
   12-bit digital output
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com