Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

252R05S470BV3E Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # 252R05S470BV3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R05S470BV3E Datasheet(HTML) 5 Page - Johanson Technology Inc.

  252R05S470BV3E Datasheet HTML 1Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 2Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 3Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 4Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 5Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 6Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 7Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 8Page - Johanson Technology Inc. 252R05S470BV3E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
11
www.johansontechnology.com
www.johansontechnology.com
E-SERIES TERMINATIONS AND LEADS
Unleaded Termination Codes “V” (Ni/Sn),
“T” (Ni/SnPb), “U” (Cu/Sn non-mag), “C”
(Cu/SnPb non-mag)
Microstrip Ribbon Leads (Non-Magnetic),
Termination Code “1”
Axial Ribbon Leads (Non-Magnetic),
Termination Code “2”
Axial Wire Leads (Non-Magnetic),
Termination Code “3”
Radial Ribbon Leads (Non-Magnetic),
Termination Code “4”
Radial Wire Leads (Non-Magnetic),
Termination Code “5”
L
E/B
T
W
T
LL
LL
L
e
T
W
LL
LL
X
Size
Units
Length
Width
Thickness
End Band
01005
In
.016 ±.001
.008 ±.001
.008 ±.001
.006 Max.
(0402)
mm
(0.40 ±0.03) (0.20 ±0.03)
(0.20 ±0.03)
(0.15 Max.)
0201
In
.024 ±.001
.012 ±.001
.012 ±.001
.008 Max.
(0603)
mm
(0.60 ±0.03) (0.30 ±0.03)
(0.30 ±0.03)
(0.20 Max.)
0402
In
.040 ±.004
.020 ±.004
.020 ±.004
.010 ±.006
(1005)
mm
(1.02 ±0.1)
(0.51 ±0.1)
(0.51 ±0.1)
(0.25 ±.15)
0603
In
.062 ±.006
.032 ±.006 .030 +.005/-.003
.014 ±.006
(1608)
mm
(1.57 ±0.15) (0.81 ±0.15)
(0.76 +.13-.08)
(0.35 ±.15)
0805
In
.080 ±.008
.050 ±.008
.040 ±.006
.020 ±.010
(2012)
mm
(2.03 ±0.20) (1.27 ±0.20)
(1.02 ±.15)
(0.50 ±.25)
MECHANICAL CHARACTERISTICS


Similar Part No. - 252R05S470BV3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R05S470BV3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com