Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5101-35B Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5101-35B
Description  150mA, 4mA Quiescent Current Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35B Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5101-35B Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 9Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 10Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 11Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 12Page - Anpec Electronics Coropration APL5101-35B Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
9
Application Information
Capacitor Selection and Regulation Stability
The APL5101/2 use at least a 1
µF capacitor on the input.
This capacitor can use Aluminum, Tantalum or Ceramic
capacitors. Input capacitor with large value and low ESR
provides better PSRR and line transient response. The
output capacitor also can use Aluminum, Tantalum or
Ceramic capacitor, and its proper values is recommended
1
µF, ESR must be above 10mΩ Large output capacitor
values can reduce noise and improve load-transient
response, stability, and PSRR. W ith X5R and Y5V
dielectrics, 1
µF is sufficient at all operating temperatures.
The selection of output capacitor is important because it with
COUT forms a zero to provide the sufficient phase margin.
Input-Output (Dropout) Voltage
The minimum input-output voltage differential (dropout)
determines the lowest usable supply voltage. The drop-
out voltage is the function of drain-to-source on resis-
tance multiplied by the load current.
Current Limit and Short Circuit
APL5101/2 include a current-limit circuitry for this lin-
ear regulator. The current limit protection, which sense
the current flows the P-channel MOSFET, and controls
the output voltage. The point where limiting occurs is
I
OUT=30 0mA. W hen o utput is sh orted to gr ound, the
APL5101/2 will keep short circuit current at 50mA.This
design is a method for an indefinite amount of time with-
out damaging to the part.
Thermal Protection
Thermal protection limits total power dissipation in the
APL5101/2. When the junction temperature exceeds T
J =
+135
°C, the thermal sensor generate a logic signal to turn
off the pass transistor and let IC to cool. When the IC’s
junction temperature cools by 20
°C, the thermal sen-
sor will turn the pass transistor on again, resulting in a
pulsed output during continuous thermal protection. Ther-
mal protection is designed to protect the IC in the event of
fault conditions. For continual operation, the junction tem-
perature do not exceed T
J=+125
oC.
Operating Region and Power Dissipation
The thermal resistance of the case and circuit board,
ambient and junction air temperature, and the rate of air
flow all control the APL5101/2’s maximum power
dissipation. The power dissipation across the device is
P = I
OUT (VIN-VOUT). The maximum power dissipation is:
P
MAX = (TJ-TA) / (θJC CA )
where T
J-TA is the temperature difference between the
junction and ambient air.
θ
JC is the thermal resistance of
the package,
θ
CA is the thermal resistance through the
printed circuit board, copper traces, and other materials
to the surrounding air. The GND pin provides an electrical
connection to ground and channeling heat away. The
printed circuit board (PCB) forms a heat sink and dissi-
pates most of the heat into ambient air.
Recommanded Minimum Footprint
SOT-23
0.024
0.037
0.074
Unit : Inch
0.02
0.038
0.076
Unit : Inch
SOT-23-5


Similar Part No. - APL5101-35B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-35BI ANPEC-APL5101-35BI Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101-35B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com