Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL560212VI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL560212VI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560212VI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL560212VI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL560212VI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
9
APL5601/5602
Function Description
A thermal shutdown circuit limits the junction tempera-
ture of APL5601/5602. When the junction temperature
exceeds +150oC, the thermal shutdown circuitry disables
the output, allowing the device to cool down. The output
circuitry is enabled again after the junction temperature
cools down by 40oC, resulting in a pulsed output during
continuous thermal overload conditions. Thermal pro-
tection is designed to protect the IC in the event of over
temperature conditions. For reliable operation, the junc-
tion temperature cannot exceed T
J=+125
oC.
Under Voltage Lockout (UVLO)
The APL5601/5602 regulators have built-in under-volt-
age lock-out circuits to keep the output shuting off until
internal circuitry is operating properly. The UVLO function
initiates a soft-start process after input voltage exceeds
its rising UVLO threshold during power on. Typical UVLO
threshold is 2.5V with 0.15V hysteresis.
Soft-Start
The APL5601/5602 provide an internal soft-start circuitry
to control rise rate of the output voltage and limit the cur-
rent surge during start-up. Approximate 20
µs delay time
after the V
IN is over the UVLO threshold, the output voltage
starts the soft-start. The typical soft-start interval is about
130
µs.
Current-Limit
The APL5601/5602 provides a current-limit circuitry, which
monitors and controls P-MOS’s gate voltage, limiting the
output current to 700mA. For reliable operation, the de-
vice should not be operated in current-limit for extended
period.
Short Circuit Current-Limit
When the output voltage drops below 0.6V, which is
caused by the over load or short circuit, the internal short
circuit current-limit circuitry limits the output current down
to 250mA. The short circuit current-limit is used to reduce
the power dissipation during short circuit condition. In
some high V
IN-VOUT conditions, if the junction tempera-
ture is over the thermal shutdown temperature, the de-
vice will enter the thermal shutdown. Please refer to the
section on thermal considerations for power dissipation
calculations. The short circuit current-limit has a blank-
ing time feature after the UVLO threshold is reached, so
that it will avoid the output causing short circuit current-
limit protection during start-up; the blanking time is about
600
µs.
Thermal Shutdown


Similar Part No. - APL560212VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560212VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com