Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-23QB Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5320-23QB
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-23QB Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5320-23QB Datasheet HTML 1Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-23QB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
SOT-23-5
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12B
205X
APL5320-13B
207X
APL5320-14B
208X
APL5320-15B
209X
APL5320-16B
20AX
APL5320-17B
20BX
APL5320-18B
20CX
APL5320-19B
20DX
APL5320-20B
20EX
APL5320-21B
20FX
APL5320-22B
20GX
APL5320-23B
20HX
APL5320-24B
20IX
APL5320-25B
20JX
APL5320-26B
20KX
APL5320-27B
20LX
APL5320-28B
20MX
APL5320-29B
20NX
APL5320-30B
20OX
APL5320-31B
20PX
APL5320-32B
20QX
APL5320-33B
20RX
APL5320-34B
20SX
APL5320-35B
20TX
APL5320-36B
20gX
APL5320-285B
20dX
APL5320-37B
206X
APL5320-475B
204X
Note: X - Code.
TSOT-23-5
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12BT
205X
APL5320-13BT
207X
APL5320-14BT
208X
APL5320-15BT
209X
APL5320-16BT
20AX
APL5320-17BT
20BX
APL5320-18BT
20CX
APL5320-19BT
20DX
APL5320-20BT
20EX
APL5320-21BT
20FX
APL5320-22BT
20GX
APL5320-23BT
20HX
APL5320-24BT
20IX
APL5320-25BT
20JX
APL5320-26BT
20KX
APL5320-27BT
20LX
APL5320-28BT
20MX
APL5320-29BT
20NX
APL5320-30BT
20OX
APL5320-31BT
20PX
APL5320-32BT
20QX
APL5320-33BT
20RX
APL5320-34BT
20SX
APL5320-35BT
20TX
APL5320-36BT
20gX
APL5320-285BT
20dX
APL5320-37BT
206X
APL5320-475BT
204X
Note: X - Code.
SOT-23-3
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12A
205X
APL5320-13A
207X
APL5320-14A
208X
APL5320-15A
209X
APL5320-16A
20AX
APL5320-17A
20BX
APL5320-18A
20CX
APL5320-19A
20DX
APL5320-20A
20EX
APL5320-21A
20FX
APL5320-22A
20GX
APL5320-23A
20HX
APL5320-24A
20IX
APL5320-25A
20JX
APL5320-26A
20KX
APL5320-27A
20LX
APL5320-28A
20MX
APL5320-29A
20NX
APL5320-30A
20OX
APL5320-31A
20PX
APL5320-32A
20QX
APL5320-33A
20RX
APL5320-34A
20SX
APL5320-35A
20TX
APL5320-36A
20gX
APL5320-285A
20dX
APL5320-37A
206X
APL5320-475A
204X
Note: X - Code.
APL5320
Package Code
B : SOT-23-5
BT : TSOT-23-5
A : SOT-23-3
S5 : SC-70-5
QB : TDFN1.6x1.6-6
QF: VTDFN1.2x1.6-4
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Voltage Code
12 : 1.2V
36 : 3.6V
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
Voltage Code


Similar Part No. - APL5320-23QB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-23QB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com