Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7067NKE-TRG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7067NKE-TRG
Description  Synchronous Buck PWM and Linear Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7067NKE-TRG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7067NKE-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7067NKE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2008
APW7067N
www.anpec.com.tw
2
Ordering and Marking Information
Pin Configuration
Symbol
Parameter
Rating
Unit
VCC12
VCC12 to GND
-0.3 to +16
V
VBOOT
BOOT to PHASE
-0.3 to +16
V
VUGATE
UGATE to PHASE <400ns pulse width
>400ns pulse width
-5 to VBOOT +5
-0.3 to VBOOT +0.3
V
VLGATE
LGATE to PGND
<400ns pulse width
>400ns pulse width
-5 to VCC12+5
-0.3 to VCC12+0.3
V
VPHASE
PHASE to GND
<200ns pulse width
>200ns pulse width
-10 to +30
-0.3 to 16
V
Absolute Maximum Ratings (Note 1)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
1
3
2
4
6
5
7
BOOT
FS_DIS
DRIVE
FB
COMP
GND
FBL
14
12
13
11
9
10
8
UGATE
PHASE
NC
LGATE
PGND
VCC12
NC
SOP-14
TOP VIEW
1
3
2
4
6
5
7
8
BOOT
FS_DIS
DRIVE
FB
COMP
GND
FBL
GND
16
14
15
13
11
12
10
9
UGATE
PHASE
NC
LGATE
PGND
VCC12
NC
VCC12
QSOP-16
TOP VIEW
1
3
2
4
6
5
7
8
DRIVE
FB
COMP
FBL
NC
LGATE
PGND
NC
QFN4x4-16
TOP VIEW
12
10
11
9
15
16
14
13
Metal
GND Pad
(Bottom)
APW7067N
Handling Code
Temp. Range
Package Code
°
APW7067N K :
APW7067N
XXXXX
XXXXX - Date Code
Assembly Material
APW7067N QA :
XXXXX - Date Code
APW7067N M :
XXXXX - Date Code
APW7067N
XXXXX
APW7067N
XXXXX
Package Code
K : SOP - 14
M : QSOP - 16
QA : QFN4x4 - 16
Temp. Range
E : -20 to 70 C
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device


Similar Part No. - APW7067NKE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7067NKE-TR ANPEC-APW7067NKE-TR Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
APW7067NKE-TRL ANPEC-APW7067NKE-TRL Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7067NKE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com