Electronic Components Datasheet Search |
|
APL5320-24S5 Datasheet(PDF) 4 Page - Anpec Electronics Coropration |
|
APL5320-24S5 Datasheet(HTML) 4 Page - Anpec Electronics Coropration |
4 / 25 page Copyright © ANPEC Electronics Corp. Rev. A.9 - Mar., 2012 APL5320 www.anpec.com.tw 4 Symbol Parameter Range Unit VIN VIN Input Voltage 2.5 ~ 6 V VSHDN SHDN Input Voltage 2.5 ~ 6 V IOUT VOUT Output Current 0 ~300 mA VOUT Output Voltage Fixed Voltage COUT Output Capacitor 1~22 µF TA Ambient Temperature -40 ~ 85 oC TJ Junction Temperature -40 ~ 125 oC Recommended Operating Conditions (Note 3) Note 3 : Refer to the typical application circuit. Symbol Parameter Typical Value Unit θ JA Junction-to-Ambient Resistance in Free Air (Note 2) SOT-23-5 TSOT-23-5 SOT-23-3 SC-70-5 TDFN1.6x1.6-6 VTDFN1.2x1.6-4 240 250 240 325 165 100 oC/W Note 2 : θ JA is measured with the component mounted on a high effective thermal conductivity test board in free air. Thermal Characteristics Absolute Maximum Ratings (Note 1) Symbol Parameter Rating Unit VIN VIN to GND Voltage -0.3 ~ 6.5 V VOUT VOUT to GND Voltage -0.3 ~ 6.5 V VSHDN SHDN to GND Voltage -0.3 ~ 6.5 V TJ Maximum Junction Temperature -40 ~ 150 oC TSTG Storage Temperature -65 ~ 150 oC TSDR Maximum Lead Soldering Temperature, 10 Seconds 260 oC Note 1 : Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Electrical Characteristics Unless otherwise specified, these specifications apply over V IN=VOUT+1V, CIN=COUT=1µF and TA=-40~85 oC. Typical values are at T A=25 oC. APL5320 Symbol Parameter Test Conditions Min. Typ. Max. Unit UNDER-VOLTAGE LOCKAGE (UVLO) AND SUPPLY CURRENT VIN UVLO Threshold Voltage VIN rising, TA=-40~85 oC 1.9 2.2 2.4 V VIN UVLO Hysteresis - 0.1 - V IOUT=0mA, VSHDN=5V - 40 60 µA IQ Quiescent Current IOUT=300mA VSHDN=5V - 40 60 µA IQSHDN Shut Down Supply Current VSHDN=0V, VIN= VOUT+1V - - 1 µA |
Similar Part No. - APL5320-24S5 |
|
Similar Description - APL5320-24S5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |