Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7068 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7068
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7068 Datasheet HTML 1Page - Anpec Electronics Coropration APW7068 Datasheet HTML 2Page - Anpec Electronics Coropration APW7068 Datasheet HTML 3Page - Anpec Electronics Coropration APW7068 Datasheet HTML 4Page - Anpec Electronics Coropration APW7068 Datasheet HTML 5Page - Anpec Electronics Coropration APW7068 Datasheet HTML 6Page - Anpec Electronics Coropration APW7068 Datasheet HTML 7Page - Anpec Electronics Coropration APW7068 Datasheet HTML 8Page - Anpec Electronics Coropration APW7068 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7068
www.anpec.com.tw
2
Ordering and Marking Information
Pin Configuration
Symbol
Parameter
Rating
Unit
VCC12
VCC12 to GND
-0.3 to +16
V
VBOOT
BOOT to PHASE
-0.3 to +16
V
VUGATE
UGATE to PHASE
<400ns Pulse Width
>400ns Pulse Width
-5 to VBOOT +5
-0.3 to VBOOT +0.3
V
VLGATE
LGATE to PGND
<400ns Pulse Width
>400ns Pulse Width
-5 to VCC12+5
-0.3 to VCC12+0.3
V
Absolute Maximum Ratings (Note 1)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
1
3
2
4
6
5
7
8
DRIVE
FB
COMP
FBL
OCSET
LGATE
PGND
REF_OUT
QFN 4x4-16
TOP VIEW
12
10
11
9
15
16
14 13
Metal
GND Pad
(Bottom)
DRIVE
1
3
2
4
6
5
7
BOOT
FS_DIS
FB
COMP
GND
FBL
14
12
13
11
9
10
8
UGATE
PHASE
OCSET
LGATE
PGND
VCC12
REF_OUT
SOP-14
TOP VIEW
1
3
2
4
6
5
7
8
BOOT
FS_DIS
DRIVE
FB
COMP
GND
FBL
GND
16
14
15
13
11
12
9
UGATE
PHASE
OCSET
LGATE
PGND
VCC12
REF_OUT
VCC12
SSOP-16
TOP VIEW
10
APW7068
Handling Code
Temperature Range
Package Code
APW7068 K :
APW7068
XXXXX
XXXXX - Date Code
Assembly Material
APW7068 QA :
XXXXX - Date Code
APW7068 N :
XXXXX - Date Code
APW7068
XXXXX
Package Code
K : SOP-14 N : SSOP-16 QA : QFN4x4-16
Temperature Range
E : -20 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7068
XXXXX


Similar Part No. - APW7068

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TR ANPEC-APW7068KE-TR Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TRL ANPEC-APW7068KE-TRL Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TU ANPEC-APW7068KE-TU Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TUL ANPEC-APW7068KE-TUL Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results

Similar Description - APW7068

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com