Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD1260-683MLD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MSD1260-683MLD
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD1260-683MLD Datasheet(HTML) 3 Page - Coilcraft lnc.

  MSD1260-683MLD Datasheet HTML 1Page - Coilcraft lnc. MSD1260-683MLD Datasheet HTML 2Page - Coilcraft lnc. MSD1260-683MLD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Coupled Inductors – MSD1260 Series
Document 528-3 Revised 01/13/12
Typical L vs Frequency
Typical L vs Current
Document 528-3
1
10
100
1000
10000
0.1
1
100
10
Current (A)
-104
-103
-472
-473
-105
-474
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
-104
-103
-472
-473
-105
-474
Current Derating
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - MSD1260-683MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD1260-683MLD COILCRAFT-MSD1260-683MLD Datasheet
248Kb / 3P
   Coupled Inductors - MSD1260
More results

Similar Description - MSD1260-683MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com