Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-18S5 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5320-18S5
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-18S5 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5320-18S5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 9Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 10Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 11Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 12Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 13Page - Anpec Electronics Coropration APL5320-18S5 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
10
Pin Description
PIN
NO.
SOT-23-5/
TSOT-23-5/
SC-70-5
SOT-23-3
TDFN
1.6x1.6-6
VTDFN
1.2x1.6-4
NAME
FUNCTION
1
3
3
4
VIN
Voltage Supply Input Pin.
2
1
6
2
GND
Ground.
3
-
1
3
SHDN
Shut Down Control Pin. Logic high: enable; logic low: shutdown.
This pin can not be left floating.
4
-
2, 5
-
NC
NC Pin.
5
2
4
1
VOUT
Regulator Output Pin.
Block Diagram
Typical Application Circuit
Shutdown
VIN
SHDN
GND
VOUT
APL5320
V
IN
Enable
C
IN
1
µF
V
OUT
C
OUT
1
µF
Thermal
Shutdown
GND
SHDN
VOUT
-
+
VIN
Current-
Limit
UVLO &
Shutdown
Logic
Foldback
Current-Limit
V
REF


Similar Part No. - APL5320-18S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-18S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com