Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-26S5 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5320-26S5
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-26S5 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5320-26S5 Datasheet HTML 1Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-26S5 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over V
IN=VOUT+1V, CIN=COUT=1µF and TA=-40~85
oC. Typical
values are at T
A=25
oC.
APL5320
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT VOLTAGE
IOUT=1mA, TA=25
oC
-2
-
2
%
Output Voltage Accuracy
IOUT=1mA to 300mA, TA=-40~85
oC
-3
-
3
%
REGLINE Line Regulation
ΔVOUT%/ΔVIN, VOUT+0.3V<VIN<6V,
IOUT=1mA
-
-
0.2
%/V
REGLOAD Load Regulation
ΔVOUT%, VIN= VOUT+1V,
0mA<IOUT<300mA
-
-
0.6
%
VOUT=1.5V, IOUT=300mA
-
0.52
0.68
V
VOUT=2V, IOUT=300mA
-
0.43
0.56
V
VDROP
Dropout Voltage
VOUT=3V, IOUT=300mA
-
0.29
0.38
V
OUTPUT VOLTAGE
f=1kHz
-
70
-
dB
f=10kHz
-
63
-
dB
PSRR
Ripple Rejection
COUT=1
µF,
IOUT=50mA
f=100kHz
-
35
-
dB
Output Noise
f=10Hz to 100kHz, COUT=10
µF, I
OUT = 1mA
-
100
-
µV
RMS
VOUT Discharge Resistance
VSHDN=0V
-
0.7
-
k
SHUT DOWN
High Threshold Voltage
VIN=2.5 to 6V
1.5
-
-
V
VSHDN
Low Threshold Voltage
VIN=2.5 to 6V
-
-
0.4
V
ISHDN
SHDN Input Current
VSHDN=5V
-
0.2
-
µA
PROTECTIONS
ILIMIT
Current-Limit Threshold
330
450
750
mA
ISHORT
Short-Circuit Current
VOUT =0V
-
50
-
mA
tSS
Soft-Start
VOUT rising from 0 to 90%, RLOAD=50
-
60
-
µs
TOTP
Over-Temperature Threshold
TJ rising
-
160
-
oC
Over-Temperature Hysteresis
-
40
-
oC


Similar Part No. - APL5320-26S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-26S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com