Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D336004B Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 594D336004B
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D336004B Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 594D336004B Datasheet HTML 3Page - Vishay Siliconix 594D336004B Datasheet HTML 4Page - Vishay Siliconix 594D336004B Datasheet HTML 5Page - Vishay Siliconix 594D336004B Datasheet HTML 6Page - Vishay Siliconix 594D336004B Datasheet HTML 7Page - Vishay Siliconix 594D336004B Datasheet HTML 8Page - Vishay Siliconix 594D336004B Datasheet HTML 9Page - Vishay Siliconix 594D336004B Datasheet HTML 10Page - Vishay Siliconix 594D336004B Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
21
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Typical Performance Characteristics Tantalum Capacitors
Notes
• All information presented in this document reflects typical performance characteristics
(1) Capacitance values 15 μF and higher
CAPACITOR ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance tolerance
± 20 %, ± 10 % (at 120 Hz) 2 VRMS (max.) at + 25 °C using a capacitance bridge
Dissipation factor
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with
1 k
 resistor in series with the capacitor under test, leakage current at 25 °C is not more than 0.01 CV or
0.5 μA, whichever is greater. Note that the leakage current varies with temperature and applied voltage.
See graph below for the appropriate adjustment factor.
Capacitance change by
temperature
+ 12 % max. (at + 125 °C)
+ 10 % max. (at + 85 °C)
- 10 % max. (at - 55 °C)
For capacitance value > 300 μF
+ 20 % max. (at + 125 °C)
+ 15 % max. (at + 85 °C)
- 15 % max. (at - 55 °C)
Reverse voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to:
10 % of the DC rating at + 25 °C
5 % of the DC rating at + 85 °C
Vishay does not recommend intentional or repetitive application of reverse voltage
Temperature derating
If capacitors are to be used at temperatures above + 25 °C, the permissible RMS ripple current or voltage
shall be calculated using the derating factors:
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Operating temperature
+ 85 °C
+ 125 °C
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
4
5.2
2.7
3.4
6.3
8
4
5
10
13
7
8
16
20
10
12
20
26
13
16
25
32
17
20
35
46
23
28
50
65
33
40
50 (1)
60
33
40
63
76
42
50


Similar Part No. - 594D336004B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D336004B VISHAY-594D336004B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D336004B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com